Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6728ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6728ATR Datasheet HTML 11Page - STMicroelectronics L6728ATR Datasheet HTML 12Page - STMicroelectronics L6728ATR Datasheet HTML 13Page - STMicroelectronics L6728ATR Datasheet HTML 14Page - STMicroelectronics L6728ATR Datasheet HTML 15Page - STMicroelectronics L6728ATR Datasheet HTML 16Page - STMicroelectronics L6728ATR Datasheet HTML 17Page - STMicroelectronics L6728ATR Datasheet HTML 18Page - STMicroelectronics L6728ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
L6728A
Application details
15/32
Figure 6.
Example of type III compensation
●
Open loop converter singularities:
a)
b)
●
Compensation network singularities frequencies:
a)
b)
c)
d)
To place the poles and zeroes of the compensation network, the following suggestions may
be followed:
a)
Set the gain RF/RFB in order to obtain the desired closed loop regulator bandwidth
according to the approximated formula (suggested values for RFB is in the range of
some k
Ω):
Gain
[dB]
Log (Freq)
0dB
open loop
EA gain
closed
loop gain
compensation
gain
open loop
converter gain
F
LC
F
ESR
F
Z1 FZ2
F
P1
F
P2
20log (R
F/RFB)
20log (V
IN/ΔVOSC)
F
0dB
F
LC
1
2
π LC
OUT
⋅
----------------------------------
=
F
ESR
1
2
π C
OUT
ESR
⋅⋅
--------------------------------------------
=
F
Z1
1
2
π R
F
C
F
⋅⋅
------------------------------
=
F
Z2
1
2
π R
FB
R
S
+
() C
S
⋅⋅
-----------------------------------------------------
=
F
P1
1
2
π R
F
C
F
C
P
⋅
C
F
C
P
+
---------------------
⎝⎠
⎛⎞
⋅⋅
--------------------------------------------------
=
F
P2
1
2
π R
S
C
S
⋅⋅
-------------------------------
=
R
F
R
FB
----------
F
0dB
F
LC
------------
ΔV
OSC
V
IN
-------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com