Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62E62C Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST62E62C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E62C Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST62E62C Datasheet HTML 60Page - STMicroelectronics ST62E62C Datasheet HTML 61Page - STMicroelectronics ST62E62C Datasheet HTML 62Page - STMicroelectronics ST62E62C Datasheet HTML 63Page - STMicroelectronics ST62E62C Datasheet HTML 64Page - STMicroelectronics ST62E62C Datasheet HTML 65Page - STMicroelectronics ST62E62C Datasheet HTML 66Page - STMicroelectronics ST62E62C Datasheet HTML 67Page - STMicroelectronics ST62E62C Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
64/78
ST62T52C ST62T62C/E62C
Figure 34. Vol versus Iol for High sink (30mA) I/O ports at Vdd=5V
Figure 35. Voh versus Ioh on all I/O port at 25°C
Figure 36. Voh versus Ioh on all I/O port at Vdd=5V
0
1020
3040
0
1
2
3
4
5
Iol (mA)
T = -40°C
T = 25°C
T = 95°C
T = 125°C
This curves represents typical variations and is given for guidance only
0
102030
40
-2
0
2
4
6
Ioh (mA)
Vdd = 3.0V
Vdd = 4.0V
Vdd = 5.0V
Vdd = 6.0V
This curves represents typical variations and is given for guidance only
0
1020
3040
-2
0
2
4
6
Ioh (mA)
T = -40°C
T = 25°C
T = 95°C
T = 125°C
This curves represents typical variations and is given for guidance only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com