Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62E62C Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST62E62C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E62C Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST62E62C Datasheet HTML 33Page - STMicroelectronics ST62E62C Datasheet HTML 34Page - STMicroelectronics ST62E62C Datasheet HTML 35Page - STMicroelectronics ST62E62C Datasheet HTML 36Page - STMicroelectronics ST62E62C Datasheet HTML 37Page - STMicroelectronics ST62E62C Datasheet HTML 38Page - STMicroelectronics ST62E62C Datasheet HTML 39Page - STMicroelectronics ST62E62C Datasheet HTML 40Page - STMicroelectronics ST62E62C Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
37/78
ST62T52C ST62T62C/E62C
I/O PORTS (Cont’d)
4.1.1 Operating Modes
Each pin may be individually programmed as input
or output with various configurations.
This is achieved by writing the relevant bit in the
Data (DR), Data Direction (DDR) and Option reg-
isters (OR). Table 11 illustrates the various port
configurations which can be selected by user soft-
ware.
4.1.1.1 Input Options
Pull-up, High Impedance Option. All input lines
can be individually programmed with or without an
internal pull-up by programming the OR and DR
registers accordingly. If the pull-up option is not
selected, the input pin will be in the high-imped-
ance state.
4.1.1.2 Interrupt Options
All input lines can be individually connected by
software to the interrupt system by programming
the OR and DR registers accordingly. The inter-
rupt trigger modes (falling edge, rising edge and
low level) can be configured by software as de-
scribed in the Interrupt Chapter for each port.
4.1.1.3 Analog Input Options
Some pins can be configured as analog inputs by
programming the OR and DR registers according-
ly. These analog inputs are connected to the on-
chip 8-bit Analog to Digital Converter.
ONLY ONE
pin should be programmed as an analog input at
any time, since by selecting more than one input
simultaneously their pins will be effectively short-
ed.
Table 11. I/O Port Option Selection
Note: X = Don’t care
DDR
OR
DR
Mode
Option
0
0
0
Input
With pull-up, no interrupt
0
0
1
Input
No pull-up, no interrupt
0
1
0
Input
With pull-up and with interrupt
0
1
1
Input
Analog input (when available)
1
0
X
Output
Open-drain output (20mA sink when available)
1
1
X
Output
Push-pull output (20mA sink when available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com