Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB15NK50ZT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB15NK50ZT4
Description  N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB15NK50ZT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB15NK50ZT4 Datasheet HTML 1Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 2Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 3Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 4Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2007
Rev 4
1/19
19
STP15NK50Z/FP - STB15NK50Z
STB15NK50Z-1 - STW15NK50Z
N-channel 500V - 0.30
Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247
Zener-protected SuperMESH™ Power MOSFET
General features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STP15NK50Z
500V
<0.34
Ω 14A 160 W
STP15NK50ZFP
500V
<0.34
Ω 14A
40 W
STB15NK50Z
500V
<0.34
Ω 14A
160W
STB15NK50Z-1
500V
<0.34
Ω 14A
160W
STW15NK50Z
500V
<0.34
Ω 14A
160W
1
2
3
1
2
3
1
2
3
1
3
TO-220
TO-220FP
TO-247
I2PAK
D2PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP15NK50Z
P15NK50Z
TO-220
Tube
STP15NK50ZFP
P15NK50ZFP
TO-220FP
Tube
STB15NK50ZT4
B15NK50Z
D2PAK
Tape & reel
STB15NK50Z
B15NK50Z
D2PAK
Tube
STB15NK50Z-1
B15NK50Z
I2PAK
Tube
STW15NK50Z
W15NK50Z
TO-247
Tube


Similar Part No. - STB15NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB15NK50ZT4 STMICROELECTRONICS-STB15NK50ZT4 Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
More results

Similar Description - STB15NK50ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
March 2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ 줡ower MOSFET
April 2002
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STP20NK50Z STMICROELECTRONICS-STP20NK50Z_04 Datasheet
380Kb / 13P
N-CHANNEL 500V -0.23Ω- 17A TO-220/D2PAK/I2SPAK/TO-247 Zener-Protected SuperMESH™MOSFET
May-2004
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com