Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB15NK50ZT4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB15NK50ZT4
Description  N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB15NK50ZT4 Datasheet(HTML) 5 Page - STMicroelectronics

  STB15NK50ZT4 Datasheet HTML 1Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 2Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 3Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 4Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STB15NK50ZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STP15NK50Z - STP15NK50ZFP - STB15NK50Z - STB15NK50Z-1 - STW15NK50Z Electrical charac-
5/19
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1mA, VGS= 0
500
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
1
50
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
±
10
µA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 100µA
33.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 7A
0.30
0.34
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS =15V, ID = 7A
12
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1 MHz, VGS=0
2260
264
64
pF
pF
pF
Coss eq
(2)
.
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
inceases from 0 to 80% VDSS
Equivalent output
capacitance
VGS=0, VDS =0V to 400V
150
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=400V, ID = 14A
VGS =10V
76
15
40
106
nC
nC
nC
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=250 V, ID=7A,
RG=4.7Ω, VGS=10V
(see Figure 18)
20
23
62
15
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com