Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD49338HNP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD49338HNP
Description  CDS/PGA & 12-bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49338HNP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD49338HNP Datasheet HTML 5Page - Renesas Technology Corp HD49338HNP Datasheet HTML 6Page - Renesas Technology Corp HD49338HNP Datasheet HTML 7Page - Renesas Technology Corp HD49338HNP Datasheet HTML 8Page - Renesas Technology Corp HD49338HNP Datasheet HTML 9Page - Renesas Technology Corp HD49338HNP Datasheet HTML 10Page - Renesas Technology Corp HD49338HNP Datasheet HTML 11Page - Renesas Technology Corp HD49338HNP Datasheet HTML 12Page - Renesas Technology Corp HD49338HNP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
HD49338NP/HNP
Rev.2.00 May 20, 2005 page 9 of 22
7. Adjustment of Black-Level S/H Response Frequency Characteristics
The CR time constant that is used for sampling/hold (S/H) at the black level can be adjusted by changing the register
settings, as shown in table 6.
Table 6
SHSW CR Time Constant Setting
L
[0]
2.20 nsec
(72 MHz)
2.30 nsec
(69 MHz)
L
[1]
L
[2]
L
2.51 nsec
(63 MHz)
2.64 nsec
(60 MHz)
2.93 nsec
(54 MHz)
3.11 nsec
(51 MHz)
3.52 nsec
(45 MHz)
3.77 nsec
(42 MHz)
[3]
H
[0]
L
[1]
L
[2]
L
[3]
L
[0]
H
[1]
L
[2]
L
[3]
H
[0]
H
[1]
L
[2]
L
[3]
L
[0]
L
[1]
H
[2]
L
[3]
H
[0]
L
[1]
H
[2]
L
[3]
L
[0]
H
[1]
H
[2]
L
[3]
H
[0]
H
[1]
H
[2]
L
[3]
L
[0]
SHSW-fsel (Register setting)
4.40 nsec
(36 MHz)
4.80 nsec
(33 MHz)
L
[1]
L
[2]
H
CR Time Constant (Typ)
(cutoff frequency conversion)
5.87 nsec
(27 MHz)
6.60 nsec
(24 MHz)
8.80 nsec
(18 MHz)
10.6 nsec
(15 MHz)
17.6 nsec
(9 MHz)
26.4 nsec
(6 MHz)
[3]
H
[0]
L
[1]
L
[2]
H
[3]
L
[0]
H
[1]
L
[2]
H
[3]
H
[0]
H
[1]
L
[2]
H
[3]
L
[0]
L
[1]
H
[2]
H
[3]
H
[0]
L
[1]
H
[2]
H
[3]
L
[0]
H
[1]
H
[2]
H
[3]
H
[0]
H
[1]
H
[2]
H
[3]
BLKC
C4
31
The SHAMP frequency characteristics can be adjusted by changing the register settings
and the C4 value of the external 31st pin.
The settings are shown in table 7.
Values other than those shown in the table 7 cannot be used.
8.
SHSW-fsel (Register setting)
CR Time Constant (Typ)
(cutoff frequency conversion)
Table 7
SHAMP Frequency Characteristics Setting
49 MHz
15000 pF
(620 pF)
24 MHz
27000 pF
(820 pF)
32 MHz
22000 pF
(750 pF)
SHA-fsel (Register setting)
LoPwr
(Register setting)
Note: Upper line
Middle line
Lower line
: SHAMP cutoff frequency (Typ)
: Standard value of C4 (maximum value is not defined)
: Minimum value of C4 (do not set below this value)
56 MHz
18000 pF
(360 pF)
116 MHz
10000 pF
(270 pF)
"Lo"
"Hi"
75 MHz
13000 pF
(300 pF)
H
[0]
L
[1]
L
[0]
H
[1]
H
[0]
H
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com