Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8301 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8301
Description  Filterless Class-D Mono Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8301 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8301 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristic
T =25°C,unless otherwise noted.
A
PAM8301
Filterless Class-D Mono Audio Amplifier
7. THD+N VS Frequency
0.03
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
11. Frequency Response
12. Noise Floor
-140
+0
-120
-100
-80
-60
-40
-20
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.08
10
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
8. THD+N VS Frequency
9. THD+N VS Frequency
10. THD+N VS Frequency
0.06
10
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R=8
L
Ω
,Gain=23dB, Cin=0.1 F,
V =5V,Po=500mW
μ
DD
R=16
L
Ω
,Gain=23dB, Cin=0.1 F,
V =5V,Po=500mW
μ
DD
R=8
L
Ω
,Gain=23dB, Cin=0.1 F,
V =3.6V,Po=200mW
μ
DD
+0
+50
+5
+10
+ 15
+20
+25
+30
+35
+40
+45
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R=16
L
Ω
,Cin=0.1 F,V =5V
μ
DD
Inputs floating, R =8
L
Ω
,Cin=0.1 F,V =5V
μ
DD
0.08
10
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R=16
L
Ω
,Gain=23dB, Cin=0.1 F,
V =3.6V,Po=200mW
μ
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com