Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8301 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8301
Description  Filterless Class-D Mono Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8301 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8301 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8301 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Key Features
Applications
1.5W Output at 10% THD with a 8
Load
and 5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
High Efficiency up to 88%
Superior Low Noise
Short Circuit Protection
Thermal Shutdown
Few External Components to Save Space
and Cost
Tiny SOT23-6 Package
PMP/MP4
GPS
Portable Speakers
Walkie Talkie
Handsfree phones/Speaker Phones
Cellular Phones
directly
system cost
It can optimize battery
life thus is ideal for portable applications.
Ω
n
n
n
n
n
n
General Description
The PAM8301 is a 1.5W class-D mono audio
amplifier. Its low THD+N feature offers high-
quality sound reproduction. The new filterless
architecture allows the device to drive speaker
instead of using low-pass output filters,
therefore save
and PCB area.
With the same number of external components,
the efficiency of the PAM8301 is much better than
that of class-AB cousins.
The PAM8301 is available in SOT23-6 package.
n
n
n
n
n
n
n
n
n
Pb-Free Package
1
www.poweranalog.com
09/2008 Rev 1.2
Typical Application
,
Power Analog Microelectronics Inc
PAM8301
Filterless Class-D Mono Audio Amplifier
/SD
IN
VDD
OUT+
OUT-
PAM8301
GND
0.1μF
1μF
10μF
2
1
5
6
4
3
VDD
Shutdown
Audio


Similar Part No. - PAM8301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8301AAF DIODES-PAM8301AAF Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
More results

Similar Description - PAM8301

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
Filterless 6W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com