Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8403DR Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8403DR Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8403DR Datasheet HTML 2Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 3Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Operating Characteristics (T =25°C)
A
1. THD+N vs Output Power
R =4 , Gain = 24dB, f=1kHz
L
Ω
2. THD+N vs Output Power
V=5V
DD
V =2.5V
DD
V =3.3V
DD
3. THD+N vs Frequency
V =5V, R =4 ,Gain = 24dB, Cin=1 F
DD
L
Ωμ
4. THD+N vs Frequency
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
09/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com
R =8 , Gain = 24dB, f=1kHz
L
Ω
V=5V
DD
V =2.5V
DD
V =3.3V
DD
V =5V, R =8 ,Gain = 24dB, Cin=1 F
DD
L
Ωμ
0
.01
100
0
.02
0
.05
0
.1
0
.2
0
.5
1
2
5
10
20
50
%
20m
4
50m
100m
200m
500m
1
2
W
0
.01
100
0
.02
0
.05
0
.1
0
.2
0
.5
1
2
5
10
20
50
%
20m
4
50m
100m
200m
500m1
2
W
0
.01
100
0
.02
0
.05
0
.1
0
.2
0
.5
1
2
5
10
20
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
L
R
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
L
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com