Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8403DR Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8403DR
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8403DR Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8403DR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 11Page - Power Analog Micoelectronics PAM8403DR Datasheet HTML 12Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Under Voltage Lock-out (UVLO)
Short Circuit Protection (SCP)
How t o R educe EMI (Electro Magnetic
Interference)
The PAM8403 incorporates circuitry designed to
detect low supply voltage. When the supply
voltage drops to 2.0V or below, the PAM8403
outputs are disabled, and the device comes out of
this state and starts to normal function when V
2.2V.
The PAM8403 has short c ircuit protection
circuitry on the outputs to prevent damage to the
device when output-to-output or output-to-GND
short occurs. When a short circuit is detected on
the
outputs,
the
outputs
a re
disabled
immediately. If the short was removed, the device
activates again.
A simple solution is to put an additional capacitor
1000 F at power supply terminal for power line
coupling if the traces from amplifier to speakers
are short (<20cm).
Most applications require a ferrite bead filter as
shown in Figure 2. The ferrite filter reduces EMI of
around 1 MHz and higher. When selecting a
ferrite bead, choose one with high impedance at
high frequencies, and low impedance at low
frequencies.
DD
≥
μ
Over Temperature Protection
Thermal protection on the PAM8403 prevents the
device from damage when the internal die
temperature exceeds 140°C. There is a 15 degree
tolerance on this trip point from device to device.
Once the die temperature exceeds the thermal
set point, the device outputs are disabled. This is
not a latched fault. The thermal fault is cleared
once the temperature of the die is reduced by
30
. This large hysteresis will prevent motor
boating sound well and the device begins normal
operation at this point without external system
intervention.
Figure 2: Ferrite Bead Filter to reduce EMI
°C
10
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
09/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com
220pF
220pF
OUT+
OUT-
Ferrite Bead
Ferrite Bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com