Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS7PF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS7PF30L
Description  P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7PF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS7PF30L Datasheet HTML 1Page - STMicroelectronics STS7PF30L Datasheet HTML 2Page - STMicroelectronics STS7PF30L Datasheet HTML 3Page - STMicroelectronics STS7PF30L Datasheet HTML 4Page - STMicroelectronics STS7PF30L Datasheet HTML 5Page - STMicroelectronics STS7PF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
December 2002
STS7PF30L
P-CHANNEL 30V - 0.016
Ω -7A SO-8
STripFET™ II POWER MOSFET
Note: For the P-CHANNEL MOSFET actual polarity of voltages and
current has to be reversed
s
TYPICAL RDS(on) = 0.016Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power Mosfet is the latest development of ST-
Microelectronics unique “Single Feature Size
™”
strip-based process. The resulting transistor shows
extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less
critical alignment steps therefore a remarkable man-
ufacturing reproducibility.
APPLICATIONS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN CELLULAR
PHONES
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS7PF30L
30 V
< 0.021
Ω
7A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
30
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuous) at TC = 25°C
7A
ID
Drain Current (continuous) at TC = 100°C
4.4
A
IDM
Drain Current (pulsed)
28
A
PTOT
Total Dissipation at TC = 25°C
2.5
W
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS7PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
234Kb / 11P
P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
09-Nov-2005
logo
VBsemi Electronics Co.,...
STS7PF30L VBSEMI-STS7PF30L Datasheet
1,004Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS7PF30L DOINGTER-STS7PF30L Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
09-Nov-2005
More results

Similar Description - STS7PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
Nov-1999
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
Nov-1999
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
06-Feb-2007
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
09-Nov-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com