Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS7PF30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS7PF30L
Description  P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7PF30L Datasheet(HTML) 2 Page - STMicroelectronics

  STS7PF30L Datasheet HTML 1Page - STMicroelectronics STS7PF30L Datasheet HTML 2Page - STMicroelectronics STS7PF30L Datasheet HTML 3Page - STMicroelectronics STS7PF30L Datasheet HTML 4Page - STMicroelectronics STS7PF30L Datasheet HTML 5Page - STMicroelectronics STS7PF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STS7PF30L
2/6
THERMAL DATA
(#) When mounted on 1 inch2 FR4 Board, 2 oz of Cu and t
≤ 10s
ELECTRICAL CHARACTERISTICS (TJ = 25 °C UNLESS OTHERRWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-amb(#)
Thermal Resistance Junction-ambient Max
50
°C/W
Tj
Maximum Lead Temperature For Soldering Purpose Typ
150
°C
Tstg
Storage Temperature
–55 to 150
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
1
1.6
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V, ID = 3.5A
0.011
0.016
0.021
Ω
VGS = 4.5V, ID = 3.5A
0.016
0.022
0.028
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VDS =10V,ID = 3.5A
16
S
Ciss
Input Capacitance
VDS =25V,f= 1MHz, VGS =0
2600
pF
Coss
Output Capacitance
523
pF
Crss
Reverse Transfer
Capacitance
174
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com