Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD935G2-12UI Datasheet(PDF) 23 Page - STMicroelectronics

Part # PSD935G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD935G2-12UI Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PSD935G2-12UI Datasheet HTML 19Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 20Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 21Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 22Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 23Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 24Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 25Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 26Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
PSD9XX Family
PSD935G2
22
Figure 4. Data Polling Flow Chart
START
READ DQ5 & DQ7
at VALID ADDRESS
YES
YES
YES
NO
NO
NO
DQ7
=
DATA7
DQ5
=1
DQ7
=
DATA
READ DQ7
FAIL
Program/Erase
Operation Failed
Issue Reset Instruction
PASS
Program/Erase
Operation is
Completed
The
PSD935G2
Functional
Blocks
(cont.)
9.1.1.7.2 Data Toggle
Checking the Data Toggle bit on DQ6 is a method of determining whether a Program or
Erase instruction is in progress or has completed. Figure 5 shows the Data Toggle
algorithm.
When the MCU issues a programming instruction, the embedded algorithm within the
PSD935G2 begins. The MCU then reads the location to be programmed in Flash to check
status. Data bit DQ6 of this location will toggle each time the MCU reads this location until
the embedded algorithm is complete. The MCU continues to read this location, checking
DQ6 and monitoring the Error bit on DQ5. When DQ6 stops toggling (two consecutive
reads yield the same value), and the Error bit on DQ5 remains ‘0’, then the embedded
algorithm is complete. If the Error bit on DQ5 is ‘1’, the MCU should test DQ6 again, since
DQ6 may have changed simultaneously with DQ5 (see Figure 5).
The Error bit at DQ5 will be set if either an internal timeout occurred while the embedded
algorithm attempted to program, or if the MCU attempted to program a ‘1’ to a bit that was
not erased (not erased is logic ‘0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com