| Electronic Components Datasheet Search |
|
PSD935G2-12UI Datasheet(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD935G2-12UI Datasheet(HTML) 59 Page - STMicroelectronics |
|
59 / 91 page ![]() PSD9XX Family PSD935G2 58 Bit 1 0 = Automatic Power Down (APD) is disabled. 1 = Automatic Power Down (APD) is enabled. Bit 3 0 = PLD Turbo is on. 1 = PLD Turbo is off, saving power. Bit 4 0 = CLKIN input to the PLD AND array is connected. Every CLKIN change will power up the PLD when Turbo bit is off. 1 = CLKIN input to PLD AND array is disconnected, saving power. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 ** * PLD PLD * APD * Array clk Turbo Enable 1 = off 1 = off 1 = on Table 26. Power Management Mode Registers (PMMR0, PMMR2)** PMMR0 ***Bits 0, 2, 6, and 7 are not used, and should be set to 0, bit 5 should be set to 1. ***The PMMR0, and PMMR2 register bits are cleared to zero following power up. ***Subsequent reset pulses will not clear the registers. The PSD935G2 Functional Blocks (cont.) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 * PLD PLD PLD ** PLD ** PLD ** * PLD array array array array array array DBE ALE CNTL2 CNTL1 CNTL0 Addr. 1 = off 1 = off 1 = off 1 = off 1 = off 1 = off PMMR2 Bit 0 0 = Address A[7:0] inputs to the PLD AND array are connected. 1 = Address A[7:0] inputs to the PLD AND array are disconnected, saving power. Note: In 80C51XA mode, A[7:1] comes from Port F (PF1-PF3) and AD10 [3:0]. Bit 2 0 = Cntl0 input to the PLD AND array is connected. 1 = Cntl0 input to PLD AND array is disconnected, saving power. Bit 3 0 = Cntl1 input to the PLD AND array is connected. 1 = Cntl1 input to PLD AND array is disconnected, saving power. Bit 4 0 = Cntl2 input to the PLD AND array is connected. 1 = Cntl2 input to PLD AND array is disconnected, saving power. Bit 5 0 = ALE input to the PLD AND array is connected. 1 = ALE input to PLD AND array is disconnected, saving power. Bit 6 0 = DBE input to the PLD AND array is connected. 1 = DBE input to PLD AND array is disconnected, saving power. **Unused bits should be set to 0. **Refer to Table 14 the signals that are blocked on pins CNTL0-2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |