| Electronic Components Datasheet Search |
|
M66271FP Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66271FP Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 28 page ![]() M66271FP REJ03F0267-0200 Rev.2.00 Mar 18, 2008 Page 13 of 27 Function of Cycle Steal Control M66271FP has a function for processing data of a line with more efficient. This function access with the cycle steal method as taking WAIT for MPU during the display term with necessity for the display data transfer from built-in VRAM to LCD. On other side, don't output WAIT for keeping throughput of MPU during the horizontal synchronous term with no necessity for the display data transfer from VRAM to LCD side. But certainly set a term of accessing with the cycle steal method by CSW register, for controlling an error action near the end of horizontal synchronous term. Ex.) Assuming 320 × 240 dots LCD LP CP UD <3:0> CSE (Internal signal) Setting by CR register Displaying term (Cycle steal method) (Necessity for data transfer from VRAM to LCD side) Horizontal synchronous term (No necessity for data transfer from VRAM to LCD side) Setting by LPW register Start WAIT for MPU according to cycle steal access Access with bus timing of MPU without WAIT for MPU. Start WAIT for MPU in timing of CSE "H" according to bus timing of MPU 4-bit transfer Output every transfer of a display data Output when finish transfer of display data with a line 1 Line 1 1 2 3 78 79 80 Setting by CSW register Figure 4 Function of Cycle Steal Control Handling of Oscillator Pin Crystal oscillator C1 Rf C2 Rd OSC2 OSC1 Open OSC2 OSC1 Clock generator Note: As far as possible, connect C, R and the crystal oscillator at near the pin. <1> Crystal oscillator <2> Input from external clock directly M66271FP M66271FP Figure 5 Oscillator Pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |