Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M66271FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M66271FP
Description  Operation Panel Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66271FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M66271FP Datasheet HTML 1Page - Renesas Technology Corp M66271FP Datasheet HTML 2Page - Renesas Technology Corp M66271FP Datasheet HTML 3Page - Renesas Technology Corp M66271FP Datasheet HTML 4Page - Renesas Technology Corp M66271FP Datasheet HTML 5Page - Renesas Technology Corp M66271FP Datasheet HTML 6Page - Renesas Technology Corp M66271FP Datasheet HTML 7Page - Renesas Technology Corp M66271FP Datasheet HTML 8Page - Renesas Technology Corp M66271FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
M66271FP
REJ03F0267-0200 Rev.2.00 Mar 18, 2008
Page 2 of 27
Block Diagram 1
MPU I/F
control
circuit
2
6
3
4
5
12
11
14
9
7
78
79
Address
buffer
Data
buffer
(Basic timing
control)
Clock
control
Bus arbiter
timing
control
(Cycle steal
control)
Control
register
LCD display
timing
control
circuit
LCD display
data
control
circuit
Oscillator output
Oscillator input
Wait
MPU clock
Bus high enable
Reset
8/16 MPU select
Read strobe
Low write strobe
High write strobe
VRAM chip select
Control register
chip select
MPU address
bus
A <13:0>
D <15:0>
MPU data bus
IOCS
MCS
HWR
LWR
RD
RESET
BHE
WAIT
MPUSEL
MPUCLK
OSC1
OSC2
VRAM
9600-byte
69
70
71
72
66
67
68
62
61
LCDENB
CP
LP
FLM
M
1
80
65
64
51
41
10 13 24 25 35 40
32
76
75
74
33 36 37 38 39 73
8
23 34 42 52 53 77
VSS
VDD
N.C
UD <3:0>
LCD display
data bus
LCD control
signal
Display data
transfer clock
Display data latch
pulse
First line marker
signal
LCD alternating
signal
:
:
:
:
43
60
31
15
22
26
50
53
Block Diagram 2 (In case of LCD module built-In system)
3
6
7
9
11 12 14 15
MPU I/F
control
circuit
2
4
5
78
79
20
22
_
26
31
_
53
60
_
Address
buffer
Data
buffer
(Basic timing
control)
Clock
control
Bus arbiter
timing
control
Control
register
LCD display
timing
control
circuit
LCD display
data
control
circuit
Oscillator output
Oscillator input
Read strobe
Low write strobe
Control register
chip select
MPU address
bus
A <4:1>
D <7:0>
MPU data bus
IOCS
LWR
RD
OSC1
OSC2
VRAM
9600-byte
69
70
71
72
66
67
68
62
61
LCDENB
CP
LP
FLM
M
1
80
65
64
51
41
10 13 24 25 35 40
32
76
75
74
33 36 37 38 39 73
8
23 34 42 52 63 77
VSS
VDD
N.C
UD <3:0>
LCD
display
data bus
LCD control
signal
Display data
transfer clock
Display data latch
pulse
First line marker
signal
LCD alternating
signal
No use pins
VRAM
address
index
register
Data port
register
:
:
16
19
43
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com