Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS4318ESS01H Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 39Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 40Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 41Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 42Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 43Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 44Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 45Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 46Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
HD404318 Series
41
Alarm Output Function
The MCU has an alarm output function built in. By setting port mode register C (PMRC: $025), one of
four alarm frequencies supplied from the PSS can be selected.
Table 9
Port Mode Register C
PMRC
Bit 3
Bit 2
System Clock Divisor
00
÷ 2048
1
÷ 1024
10
÷ 512
1
÷ 256
Selector
System
clock
øPER
Prescaler S (PSS)
2
Alarm output
control signal
BUZZ
Alarm output
controller
Port mode
register C
(PMRC)
Port mode
register A
(PMRA)
Figure 32 Alarm Output Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com