Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404628RFS Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD404628RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404628RFS Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD404628RFS Datasheet HTML 92Page - Renesas Technology Corp HD404628RFS Datasheet HTML 93Page - Renesas Technology Corp HD404628RFS Datasheet HTML 94Page - Renesas Technology Corp HD404628RFS Datasheet HTML 95Page - Renesas Technology Corp HD404628RFS Datasheet HTML 96Page - Renesas Technology Corp HD404628RFS Datasheet HTML 97Page - Renesas Technology Corp HD404628RFS Datasheet HTML 98Page - Renesas Technology Corp HD404628RFS Datasheet HTML 99Page - Renesas Technology Corp HD404628RFS Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
HD404629R Series
94
Miscellaneous Register (MIS: $00C): This register has the following function (figure 80).
 R2
3/SO pin PMOS control
Miscellaneous register (MIS: $00C) is a 4-bit write-only register and is reset to $0 by MCU reset.
Bit
Initial value
Read/Write
Bit name
3
0
W
MIS3
2
0
W
MIS2
0
0
W
MIS0
1
0
W
MIS1
Miscellaneous register (MIS: $00C)
MIS1
0
1
MIS0
0
1
0
1
tRC
0.12207 ms
0.24414 ms
7.8125 ms
31.25 ms
Not used
MIS2
0
1
R23/SO PMOS on/off selection
On
Off
MIS3
0
1
Pull-up MOS on/off selection
Off
On
Figure 80 Miscellaneous Register (MIS)
A/D Converter
The MCU has a built-in A/D converter that uses a successive approximation method with a resistor ladder.
It can measure four analog inputs with 8-bit resolution. As shown in the block diagram of figure 81, the
A/D converter has a 4-bit A/D mode register, a 1-bit A/D start flag, and a 4-bit plus 4-bit A/D data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com