Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404628RFS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD404628RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404628RFS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD404628RFS Datasheet HTML 19Page - Renesas Technology Corp HD404628RFS Datasheet HTML 20Page - Renesas Technology Corp HD404628RFS Datasheet HTML 21Page - Renesas Technology Corp HD404628RFS Datasheet HTML 22Page - Renesas Technology Corp HD404628RFS Datasheet HTML 23Page - Renesas Technology Corp HD404628RFS Datasheet HTML 24Page - Renesas Technology Corp HD404628RFS Datasheet HTML 25Page - Renesas Technology Corp HD404628RFS Datasheet HTML 26Page - Renesas Technology Corp HD404628RFS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
HD404629R Series
21
Item
Abbr.
Status After Cancel-
lation of Stop Mode by
STOPC Input
Status After Cancel-
lation of Stop Mode by
RESET Input
Status After all Other Types
of Reset
Carry flag
(CA)
Pre-stop-mode values are not guaranteed;
Pre-MCU-reset values
Accumulator
(A)
values must be initialized by program
are not guaranteed; val-
B register
(B)
ues must be initialized by
W register
(W)
program
X/SPX register
(X/SPX)
Y/SPY register
(Y/SPY)
Serial data register
(SRL, SRU)
RAM
Pre-stop-mode values are retained
RAM enable flag
(RAME)
1
0
0
Port mode
register C bit 2
(PMRC2)
Pre-stop-mode
values are retained
00
System clock
select register bit 3
(SSR3)
Interrupts
The MCU has 11 interrupt sources: five external signals (
INT
0, INT1, INT2–INT4), four timer/ counters
(timers A, B, C, and D), serial interface, and A/D converter.
An interrupt request flag (IF), interrupt mask (IM), and vector address are provided for each interrupt
source, and an interrupt enable flag (IE) controls the entire interrupt process.
Some vector addresses are shared by two different interrupts. They are timer B and INT
2, timer C and
INT
3, timer D and INT4, and A/D converter and serial interface interrupts.
So the type of request that has
occurred must be checked at the beginning of interrupt processing.
Interrupt Control Bits and Interrupt Processing: Locations $000 to $003 and $022 to $023 in RAM are
reserved for the interrupt control bits which can be accessed by RAM bit manipulation instructions.
The interrupt request flag (IF) cannot be set by software. MCU reset initializes the interrupt enable flag
(IE) and the IF to 0 and the interrupt mask (IM) to 1.
A block diagram of the interrupt control circuit is shown in figure 9, interrupt priorities and vector
addresses are listed in table 2, and interrupt processing conditions for the 11 interrupt sources are listed in
table 3.
An interrupt request occurs when the IF is set to 1 and the IM is set to 0. If the IE is 1 at that point, the
interrupt is processed. A priority programmable logic array (PLA) generates the vector address assigned to
that interrupt source.
The interrupt processing sequence is shown in figure 10 and an interrupt processing flowchart is shown in
figure 11. After an interrupt is acknowledged, the previous instruction is completed in the first cycle. The
IE is reset in the second cycle, the carry, status, and program counter values are pushed onto the stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com