Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404628RFS Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # HD404628RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404628RFS Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button HD404628RFS Datasheet HTML 98Page - Renesas Technology Corp HD404628RFS Datasheet HTML 99Page - Renesas Technology Corp HD404628RFS Datasheet HTML 100Page - Renesas Technology Corp HD404628RFS Datasheet HTML 101Page - Renesas Technology Corp HD404628RFS Datasheet HTML 102Page - Renesas Technology Corp HD404628RFS Datasheet HTML 103Page - Renesas Technology Corp HD404628RFS Datasheet HTML 104Page - Renesas Technology Corp HD404628RFS Datasheet HTML 105Page - Renesas Technology Corp HD404628RFS Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 157 page
background image
HD404629R Series
100
Tone Generator Mode Register (TGM: $019): Four-bit write-only register, which controls output
frequencies as shown in figure 89, and is reset to $0 by MCU reset.
Bit
Initial value
Read/Write
Bit name
3
0
W
TGM3
2
0
W
TGM2
0
0
W
TGM0
1
0
W
TGM1
Tone generator mode register (TGM: $019)
TGM3
0
0
1
1
TGM2
0
1
0
1
TONEC output frequencies
fC1 (1,209 Hz)
fC2 (1,336 Hz)
fC3 (1,477 Hz)
fC4 (1,633 Hz)
TGM1
0
0
1
1
TGM0
0
1
0
1
TONER output frequencies
fR1 (697 Hz)
fR2 (770 Hz)
fR3 (852 Hz)
fR4 (941 Hz)
Figure 89 Tone Generator Mode Register (TGM)
Tone Generator Control Register (TGC: $01A): Three-bit write-only register, which controls the
start/stop of the DTMF signal output as shown in figure 90, and is reset to $0 by MCU reset. TONER and
TONEC output can be independently controlled by bits 3 and 2 (TGC3, TGC2), and the DTMF circuit is
controlled by bit 1 (TGC1) of this register.
Bit
Initial value
Read/Write
Bit name
3
0
W
TGC3
2
0
W
TGC2
0
—
—
Not used
1
0
W
TGC1
Tone generator control register (TGC: $01A)
TGC1
0
1
DTMF enable bit
DTMF disable
DTMF enable
TGC2
0
1
TONER output control (row)
No output
TONER output (active)
TGC3
0
1
TONEC output control (column)
No output
TONEC output (active)
Figure 90 Tone Generator Control Register (TGC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com