Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G06 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74ALVC2G06
Description  Triple Inverter Buffers / Drivers with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G06 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74ALVC2G06 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74ALVC2G06
Rev.5.00 Sep 08, 2006 page 4 of 6
Switching Characteristics
VCC = 1.2 V
Ta =
−40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tLZ
tZL
5.0
ns
CL = 15 pF
A
Y
VCC = 1.5
±0.1 V
Ta =
−40 to 85°C
Item
Symbol
Min
Min
Min
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tLZ
tZL
1.0
7.0
ns
CL = 15 pF
A
Y
VCC = 1.8
±0.15 V
Ta =
−40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tLZ
tZL
1.0
5.0
ns
CL = 30 pF
A
Y
VCC = 2.5
±0.2 V
Ta =
−40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tLZ
tZL
0.5
3.5
ns
CL = 30 pF
A
Y
VCC = 3.3
±0.3 V
Ta =
−40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
tLZ
tZL
0.5
2.5
ns
CL = 30 pF
A
Y
Operating Characteristics
(Ta = 25°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.5
1.5
1.8
1.5
2.5
2.0
Power dissipation
capacitance
CPD
3.3
3.0
pF
f = 10 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com