Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74ALVC2G06 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ALVC2G06
Description  Triple Inverter Buffers / Drivers with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G06 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ALVC2G06 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74ALVC2G06
Rev.5.00 Sep 08, 2006 page 3 of 6
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.2
3.6
V
Input voltage range
VI
0
3.6
V
Output voltage range
VO
0
VCC
V
2
VCC = 1.2 V
4
VCC = 1.4 V
6
VCC = 1.65 V
18
VCC = 2.3 V
Output current
IOL
24
mA
VCC = 3.0 V
0
20
VCC = 1.2 to 2.7 V
Input transition rise or fall rate
∆t / ∆v
0
10
ns / V
VCC = 3.3
±0.3 V
Operating free-air temperature
Ta
−40
85
°C
Note:
Unused or floating inputs must be held high or low.
Electrical Characteristics
(Ta =
−40 to 85°C)
Item
Symbol
VCC (V)
*1
Min
Typ
Max
Unit
Test Conditions
1.2
VCC
×0.75
1.4 to 1.6
VCC
×0.7
1.65 to 1.95
VCC
×0.7
2.3 to 2.7
1.7
VIH
3.0 to 3.6
2.0
1.2
VCC
×0.25
1.4 to 1.6
VCC
×0.3
1.65 to 1.95
VCC
×0.3
2.3 to 2.7
0.7
Input voltage
VIL
3.0 to 3.6
0.8
V
Min to Max
0.2
IOL = 100
µA
1.2
0.3
IOL = 2 mA
1.4
0.3
IOL = 4 mA
1.65
0.3
IOL = 6 mA
2.3
0.55
IOL = 18 mA
Output voltage
VOL
3.0
0.55
V
IOL = 24 mA
Input current
IIN
3.6
±5
µA
VIN = 3.6 V or GND
Off state output
current
IOZ
3.6
±5
µA
VOUT = VCC or GND
Quiescent supply
current
ICC
3.6
10
µA
VIN = VCC or GND, IO = 0
Output leakage
current
IOFF
0
5
µA
VIN or VO = 0 to 3.6 V
Input capacitance
CIN
3.3
5.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com