Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38C83EB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M38C83EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C83EB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M38C83EB Datasheet HTML 5Page - Renesas Technology Corp M38C83EB Datasheet HTML 6Page - Renesas Technology Corp M38C83EB Datasheet HTML 7Page - Renesas Technology Corp M38C83EB Datasheet HTML 8Page - Renesas Technology Corp M38C83EB Datasheet HTML 9Page - Renesas Technology Corp M38C83EB Datasheet HTML 10Page - Renesas Technology Corp M38C83EB Datasheet HTML 11Page - Renesas Technology Corp M38C83EB Datasheet HTML 12Page - Renesas Technology Corp M38C83EB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Table 3 Push and pop instructions of accumulator or processor status register
Accumulator
Processor status register
Push instruction to stack
PHA
PHP
Pop instruction from stack
PLA
PLP
Fig. 6 Register push and pop at interrupt generation and subroutine call
Note: Condition for acceptance of an interrupt
Interrupt disable flag is “0” and
Execute JSR
On-going Routine
M (S)(PCH)
(S)
(S) – 1
M (S)(PCL)
Execute RTS
(PCL)M (S)
(S)
(S)– 1
(S)
(S) + 1
(S)
(S) + 1
(PCH)M (S)
Subroutine
POP return
address from stack
Push return address
on stack
M (S)(PS)
Execute RTI
(PS)M (S)
(S)
(S) – 1
(S)
(S) + 1
Interrupt
Service Routine
POP contents of
processor status
register from stack
M (S)(PCH)
(S)
(S) – 1
M (S)(PCL)
(S)
(S) – 1
(PCL)M (S)
(S)
(S) + 1
(S)
(S) + 1
(PCH)M (S)
POP return
address
from stack
I Flag is set from “0” to “1”
Fetch the jump vector
Push return address
on stack
Push contents of processor
status register on stack
Interrupt request
(Note)
Interrupt enable bit corresponding to
each interrupt is “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com