Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38C83EB Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M38C83EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C83EB Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M38C83EB Datasheet HTML 24Page - Renesas Technology Corp M38C83EB Datasheet HTML 25Page - Renesas Technology Corp M38C83EB Datasheet HTML 26Page - Renesas Technology Corp M38C83EB Datasheet HTML 27Page - Renesas Technology Corp M38C83EB Datasheet HTML 28Page - Renesas Technology Corp M38C83EB Datasheet HTML 29Page - Renesas Technology Corp M38C83EB Datasheet HTML 30Page - Renesas Technology Corp M38C83EB Datasheet HTML 31Page - Renesas Technology Corp M38C83EB Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
27
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Fig. 24 Structure of serial I/O control registers
BRG count source selection bit (CSS)
0: f(XIN) (f(XCIN) in low-speed mode)
1: f(XIN)/4 (f(XCIN)/4 in low-speed mode)
Serial I/O synchronous clock selection bit (SCS)
0: BRG output divided by 4 when clock synchronous serial
I/O is selected.
BRG output divided by 16 when UART is selected.
1: External clock input when clock synchronous serial I/O is
selected.
External clock input divided by 16 when UART is selected.
SRDY output enable bit (SRDY)
0: P47 pin operates as ordinary I/O pin.
1: P47 pin operates as SRDY output pin.
Transmit interrupt source selection bit (TIC)
0: Interrupt when transmit buffer has emptied
1: Interrupt when transmit shift operation is completed
Transmit enable bit (TE)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (RE)
0: Receive disabled
1: Receive enabled
Serial I/O mode selection bit (SIOM)
0: Asynchronous serial I/O (UART)
1: Clock synchronous serial I/O
Serial I/O enable bit (SIOE)
0: Serial I/O disabled
(pins P44–P47 operate as ordinary I/O pins)
1: Serial I/O enabled
(pins P44–P47 operate as serial I/O pins)
Serial I/O control register
(SIOCON : address 001A16)
b7b0
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Transmit shift register shift completion flag (TSC)
0: Transmit shift in progress
1: Transmit shift completed
Overrun error flag (OE)
0: No error
1: Overrun error
Parity error flag (PE)
0: No error
1: Parity error
Framing error flag (FE)
0: No error
1: Framing error
Summing error flag (SE)
0: OE U PE U FE =0
1: OE U PE U FE =1
Not used (returns “1” when read)
Serial I/O status register
(SIOSTS : address 001916)
b7b0
UART control register
(UARTCON : address 001B16)
Character length selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit (PARE)
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit (PARS)
0: Even parity
1: Odd parity
Stop bit length selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
P45/TXD P-channel output disable bit (POFF)
0: CMOS output (in output mode)
1: N-channel open-drain output (in output mode)
Not used (return “1” when read)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com