Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38B72FD Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M38B72FD
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B72FD Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M38B72FD Datasheet HTML 8Page - Renesas Technology Corp M38B72FD Datasheet HTML 9Page - Renesas Technology Corp M38B72FD Datasheet HTML 10Page - Renesas Technology Corp M38B72FD Datasheet HTML 11Page - Renesas Technology Corp M38B72FD Datasheet HTML 12Page - Renesas Technology Corp M38B72FD Datasheet HTML 13Page - Renesas Technology Corp M38B72FD Datasheet HTML 14Page - Renesas Technology Corp M38B72FD Datasheet HTML 15Page - Renesas Technology Corp M38B72FD Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
11
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the internal system clock selection bit etc.
The CPU mode register is allocated at address 003B16.
Fig. 7 Structure of CPU mode register
CPU mode register
(CPUM: address 003B16)
b7
b0
Processor mode bits
b1b0
0 0 : Single-chip mode
0 1 :
1 0 :
Not available
1 1 :
Port XC switch bit
0 : I/O port function
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit
0 : f(XIN) (high-speed mode)
1 : f(XIN)/4 (middle-speed mode)
Internal system clock selection bit
0 : XIN-XOUT selection (middle-/high-speed mode)
1 : XCIN-XCOUT selection (low-speed mode)
Stack page selection bit
0 : Page 0
1 : Page 1
Not used (return “1” when read)
(Do not write “0” to this bit.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com