Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD26LS32P Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD26LS32P
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32P Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD26LS32P Datasheet HTML 6Page - Renesas Technology Corp HD26LS32P Datasheet HTML 7Page - Renesas Technology Corp HD26LS32P Datasheet HTML 8Page - Renesas Technology Corp HD26LS32P Datasheet HTML 9Page - Renesas Technology Corp HD26LS32P Datasheet HTML 10Page - Renesas Technology Corp HD26LS32P Datasheet HTML 11Page - Renesas Technology Corp HD26LS32P Datasheet HTML 12Page - Renesas Technology Corp HD26LS32P Datasheet HTML 13Page - Renesas Technology Corp HD26LS32P Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 10 of 14
This is because, since the termination resistance is normally matched to the transmission line characteristic impedance,
the value falls to several tens of hundreds of ohms, and the differential input pins are shorted by this termination
resistance. That is, the differential input voltage V
ID comes within the range
V
ID: –0.2 V < VIA – VIB < 0.2 V
and the output becomes undetermined.
To prevent this, resistance R
1 is inserted in series with the transmission line as shown in figure 6, minimizing the effect
of the termination resistance. Resistance R
2 is added to increase the current flowing between the termination resistance
and R
1, enabling the value of R1 to be kept small.
Inserting resistances R
1 and R2 in this way provides for the differential input voltage VID to become 200 mV or higher,
but the following points must be noted.
• Smallest possible R
1 value
If this value is large, the receiver input sensitivity will fall.
• Largest possible R
2 value
If this value is small, the load on the driver will be large.
Figure 7 shows experimental differential input voltages for variations in R
1 and R2.
"H"
RT
RT
Undetermined
Figure 5 Examples of Transmission Line Disconnection
Receiver
VCC
R2
R2
R1
R1
RT
Driver
Figure 6 Method of Enhancing Fail-Safe Function
0.6
0.5
0.4
0.3
0.2
0.1
0
5
10
15
R1 (k
Ω)
100
kΩ
300
kΩ
R2 = ∞
VCC = 5 V
Ta = 25°C
VCC
R2
VID
R2
R1
R1
100
Ω
Figure 7 R
1, R2 vs. Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com