Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD26LS32P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD26LS32P
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD26LS32P Datasheet HTML 1Page - Renesas Technology Corp HD26LS32P Datasheet HTML 2Page - Renesas Technology Corp HD26LS32P Datasheet HTML 3Page - Renesas Technology Corp HD26LS32P Datasheet HTML 4Page - Renesas Technology Corp HD26LS32P Datasheet HTML 5Page - Renesas Technology Corp HD26LS32P Datasheet HTML 6Page - Renesas Technology Corp HD26LS32P Datasheet HTML 7Page - Renesas Technology Corp HD26LS32P Datasheet HTML 8Page - Renesas Technology Corp HD26LS32P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 3 of 14
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply Voltage
V
CC*
1
7.0
V
In Phase Input Voltage
V
IC
±25
V
Differential Input Voltage
V
ID*
2
±25
V
Enable Input Voltage
V
IN
7V
Output Sink Current
Iout
50
mA
Continuous Total Dissipation
P
T
1W
Operating Temperature Range
Topr
0 to +70
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Notes: 1. All voltage values except for differential input voltage are with respect to network ground terminal.
2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting
onput.
3. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.75
5.00
5.25
V
In Phase Input Voltage
V
IC
——
±7.0
V
Output Current
I
OH
—
—
–440
µA
I
OL
——
8
mA
Operating Temperature
Topr
0
—
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com