Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2118B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2118B Datasheet HTML 3Page - STMicroelectronics STV2118B Datasheet HTML 4Page - STMicroelectronics STV2118B Datasheet HTML 5Page - STMicroelectronics STV2118B Datasheet HTML 6Page - STMicroelectronics STV2118B Datasheet HTML 7Page - STMicroelectronics STV2118B Datasheet HTML 8Page - STMicroelectronics STV2118B Datasheet HTML 9Page - STMicroelectronics STV2118B Datasheet HTML 10Page - STMicroelectronics STV2118B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
I
2C BUS SPECIFICATION (continued)
Input Signals (Write Mode) (continued)
CHROMA
Address
Dec (HEX)
Description
Data
(Bits)
Comments
9 (09)
Hue
6
XX00 0000 = -45
o
XX11 1111 = +45
o
10 (0A)
Standard Selection
4
XXXX SSSS
0000 = PAL/XTAL1 (4.43MHz)
0001 = PAL/XTAL2 (3.58MHz)
0010 = NTSC/XTAL1/90
o
0011 = NTSC/XTAL2/90
o
0100 = SECAM/XTAL1
1010 = NTSC/XTAL1/104
o
1011 = NTSC/XTAL2/104
o
011X = Auto/90
o
111X = Auto/104
o
0101 = Not allowed
1000 = Not allowed
1001 = Not allowed
1100 = Not allowed
1101 = Not allowed
10 (0A)
SVHS Selection
1
XXXS XXXX
0 = No SVHS (CVBS mode)
1 = SVHS mode
DEFLECTION
Address
Dec (HEX)
Description
Data
(Bits)
Comments
11 (0B)
Horizontal Shift
6
XX00 0000 = -2.5
µs
XX11 1111 = +2.5
µs
12 (0C)
Vertical Amplitude
6
XX00 0000 = 1.2V
XX11 1111 = 6.2V
13 (0D)
Vertical Position
3
XXXX X000 = 3.8V
XXXX X111 = 6.3V
13 (0D)
50/60Hz Selection
2
XXXS SXXX
00 = Auto
01 = 60Hz
10 = 50Hz
11 = Auto
13 (0D)
Horizontal Output (HOUT) Safety
1
XXSX XXXX
0 = Normal mode
1 = HOUT disabled (high level)
14 (0E)
PLL1 Time Constant
2
XXXX XXSS
00 = Normal mode (Auto)
01 = Short time constant
10 = Very long time constant
11 = PLL1 inhibition (open loop)
14 (0E)
Interlace
1
XXXX XSXX
0 = Interlace
1 = DE-Interlace
14 (0E)
4/3 16/9 Selection
1
XXXX SXXX
0 = 4/3 (VOUT-Low = 2V)
1 = 16/9 (VOUT-Low = 0.1V)
STV2118B
7/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com