Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2118B Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2118B Datasheet HTML 4Page - STMicroelectronics STV2118B Datasheet HTML 5Page - STMicroelectronics STV2118B Datasheet HTML 6Page - STMicroelectronics STV2118B Datasheet HTML 7Page - STMicroelectronics STV2118B Datasheet HTML 8Page - STMicroelectronics STV2118B Datasheet HTML 9Page - STMicroelectronics STV2118B Datasheet HTML 10Page - STMicroelectronics STV2118B Datasheet HTML 11Page - STMicroelectronics STV2118B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
I
2C BUS SPECIFICATION (continued)
Input Signals (Write Mode) (continued)
OTHERS
Address
Dec (HEX)
Description
Data
(Bits)
Comments
15 (0F)
Volume
6
XX00 0000 = 0.5V
XX11 1111 = 5V
16 (10)
Mute
1
XXXX XXXS
0 = Mute not active
1 = Mute active
16 (10)
IF Standard / AV Switch
2
XXXX XSSX
00 = INT/FM (negative)
01 = INT/AM (positive)
10 = EXT/AM (positive)
11 = EXT/FM (negative)
16 (10)
Not Used
1
XXXX SXXX
S = 0 default value
16 (10)
Cut-off Pulse Position
1
XXXS XXXX
0 = lines 23/24/25 in50Hz, lines 18/19/20 in
60Hz
1 = lines 23/24/25 both in 50Hz and 60Hz
17 (11)
Only for Test
6
XXSS SSSS
00 0000 = Test mode not active
Output Signals (Read Mode)
READ REGISTER
Description
Data (Bits)
Comments
Field Frequency
1
XXXX XXXS
1 = 50Hz
0 = 60Hz
Video Identification
1
XXXX XXSX
1 = No Identification
0 = Video Identification
SVHS Status
1
XXXX XSXX
1 = No SVHS
0 = SVHS
Standard Status
3
XXSS SXXX
111 = PAL/XTAL1 (4.43MHz)
110 = NTSC/XTAL1
101 = SECAM/XTAL1
011 = PAL/XTAL2 (3.58MHz)
010 = NTSC/XTAL2
X00 = Color off
Circuit Identification
2
SSXX XXXX
11 = STV2118B/2116/2112
10 = STV2116A
01 = STV2112A
00 = STV2216
STV2118B
8/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com