Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2216 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 5Page - STMicroelectronics STV2216 Datasheet HTML 6Page - STMicroelectronics STV2216 Datasheet HTML 7Page - STMicroelectronics STV2216 Datasheet HTML 8Page - STMicroelectronics STV2216 Datasheet HTML 9Page - STMicroelectronics STV2216 Datasheet HTML 10Page - STMicroelectronics STV2216 Datasheet HTML 11Page - STMicroelectronics STV2216 Datasheet HTML 12Page - STMicroelectronics STV2216 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pins 22-42) (VCC1(22)
≤ VCC2(42))12
V
Toper
Operating Temperature
0, +70
oC
Tstg
Storage Temperature
-55, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance (PD = 1.3W)
Typ.
40
oC/W
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VCC1
Video Supply Voltage (VCC1
≤ VCC2)
8.1
9
9.9
V
VCC2
Chroma & Scanning & Bus Supply Voltage
8.1
9
9.9
V
ICC1
VCC1 Current Consumption
55
75
95
mA
ICC2
VCC2 Current Consumption
40
60
80
mA
Ptot
Power Total Dissipation
1215
1600
mW
LUMINANCE /CVBS INPUT (Pin 20)
DC20
DC Operating Voltage
No input signal
3.55
3.7
3.95
V
V20PP
CVBS or Y Input Voltage
1
1.41
VPP
GY
Luma Gain
Contrast Max., Drive Max.
4.1
-
CTRY
Luma Contrast Range
18
20
22
dB
-I20
Negative Clamping Current
During sync. pulse
-20
-25
-35
µA
I20
Clamping Current
3
5
10
µA
COMBINED CHROMINANCE AND SVHS SELECTION INPUT (Pin 23)
V23
Chrominance Input Voltage
Burst Amplitude,
100/75 colour bar
0.3
VPP
VCLIP23
Input Amplitude before Clipping
1.0
VPP
VDC23
DC Voltage
SVHS mode
1.4
1.6
1.8
V
VTH23
SVHS Threshold Voltage
0.5
0.7
V
Ilow23
Input Current
0V at Pin 23
70
120
170
µA
Vmin23
Minimum Burst Signal Amplitude within the
ACC Control Range
30
mVPP
GACC
ACC Control Range
Change of Burst over whole
ACC control range < 2dB
30
dB
Killer
Colour Killer on Threshold
Colour killer off hysteresis
Burst amplitude on Pin 20 or
Pin 23, S/N > 40dB
PAL Mode
NTSC Mode
PAL & NTSC Mode
4
1
+3
mVPP
mVPP
dB
RIN
Chrominance Input Resistance
2
k
Ω
RGB INPUTS (Pins 12-13-14)
VCLAMP
Clamp Level
Contrast Max., Drive Nom.
1.5
1.85
2.2
V
VRGB
RGB Input Voltage
B to W
0.7
1
VPP
GRGB
RGB Gain
Drive Max.
4.0
-
∆Black
Difference of Black Level of Internal and
External signals at the Outputs
200
mV
IRGB
Clamping Current
50
100
150
µA
STV2216
9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com