Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV2216 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV2216
Description  BUS CONTROLLED NTSC/PAL TV PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2216 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV2216 Datasheet HTML 6Page - STMicroelectronics STV2216 Datasheet HTML 7Page - STMicroelectronics STV2216 Datasheet HTML 8Page - STMicroelectronics STV2216 Datasheet HTML 9Page - STMicroelectronics STV2216 Datasheet HTML 10Page - STMicroelectronics STV2216 Datasheet HTML 11Page - STMicroelectronics STV2216 Datasheet HTML 12Page - STMicroelectronics STV2216 Datasheet HTML 13Page - STMicroelectronics STV2216 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FAST BLANKING INPUT (Pin 15)
VTHFB1-15
Insertion Threshold Voltage
0.5
0.7
0.85
V
VTHFB2-15
Blanking Threshold Voltage
1.6
2.0
2.4
V
Tswi1-15
Insertion Switching Delay
30
ns
Tswi2-15
Blanking Switching Delay
50
ns
IFB-15
Input Current
0V at Pin 15
50
µA
BLACK STRETCH CONTROL (Pin 18) (Figure 7)
BSth1
Black Expansion Start Point
Y/CVBS (Pin 20), 0.7V (B/W)
50
%
BSMax.
Maximum Expansion referred to B/W
Y/CVBS (Pin 20), 0.7V (B/W)
-20
%
BSVMax.-18
BSVMin.-18
Black Stretch Control Voltage
Maximum black stretch
No black stretch
5.2
5.9
V
V
I100IRE
Discharging Current
Y = 100IRE
8
µA
I0IRE
Loading Current
Y = 0IRE
25
µA
CATHODE CURRENT INPUT (Pin 30)
VLEAK
Leakage Current Reference Voltage
1.80
2.0
V
VCoff
Cut-off Current Reference Voltage
refered to Leakage Current Reference
250
mV
VSB
Start Beam Current Detection
Reference Voltage
2.1
2.3
V
ILow-30
Source current
150
250
µA
AUTOMATIC CUT-OFF CAPACITORS (Pins 24-25-26)
I24-25-26
Control Current
70
100
130
µA
BEAM CURRENT LIMITER VOLTAGE (Pin 31)
VTH1-31
Contrast Attenuation Starting
6.0
V
VTH2-31
Brightness Attenuation Starting
5.5
V
VTH3-31
Contrast Attenuation Ending
5.0
V
CTR-BCL
Contrast Attenuation at V31=VTH3-31
14.0
dB
VTH4-31
Brightness Attenuation Ending
4.5
V
BRIG-BCL
Brightness Attenuation at V31=VTH4-31
100
%
CLP31
High Clamping Voltage
6.5
V
RGB OUTPUTS (Pins 27-28-29)
VBW
Output Signal Amplitude (B to W)
0.7V B/W at Pin 20, Drive Max.,
Contrast Max., Brightness Typ.,
Saturation Typ.
2.85
V
IS27-28-29
Output Sinking Current
1.5
2
mA
VM27-28-29
Maximum Peak White Level
7.8
V
VBlack27-28-29 Blanking Level
No load
0.3
0.45
0.6
V
RCO
Cut-off Output Range
2
2.6
V
DCCO
Cut-off Adjustment Range
On Red and Green ouputs
Pins 29 and 28, Drive Max.
300
mV
DRIV
Drive Adjustment Range
7
dB
R BRIG
Brightness Range
Relative to B/W amplitude on
R,G,B outputs at Contrast Max.
30
40
50
%
STV2216
10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com