Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8224B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV8224B
Description  MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8224B Datasheet(HTML) 5 Page - STMicroelectronics

  STV8224B Datasheet HTML 1Page - STMicroelectronics STV8224B Datasheet HTML 2Page - STMicroelectronics STV8224B Datasheet HTML 3Page - STMicroelectronics STV8224B Datasheet HTML 4Page - STMicroelectronics STV8224B Datasheet HTML 5Page - STMicroelectronics STV8224B Datasheet HTML 6Page - STMicroelectronics STV8224B Datasheet HTML 7Page - STMicroelectronics STV8224B Datasheet HTML 8Page - STMicroelectronics STV8224B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Tamb =25
°C, VCC = 9V, IF input = 10mVRMS synclevel at B/G, Peak-white level at L,
Video modulation DSB, D = 90% at B/G, D = 95% at L, fPC = 38.9MHz, fSC = 33.4MHz,
Video BW = 5MHz, Sound carrier input : 5.5MHz, 10mVRMS,fM = 1kHz, Audio BW = 20kHz,
∆f= ±50kHz,
Volume attenuation = 0dB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AUDIO SWITCH
R16
Input Resistance
55
70
85
k
Ω
CRtk
Crosstalk
70
80
dB
En
Output Noise Level (Pin 14)
Weighted CCIR 468-4, V13 = 0.5V
(quasi peak level)
70
µV
EXTHD
THD on External Signal (Pin 14)
VIN =2VRMS, Attenuation = 0dB
0.1
0.3
%
Audio Reference Voltage (Pin 9)
4.5
V
VIDEO SWITCH
VDC 12
DC Input Level
No signal
1.6
1.9
2.2
V
VS12
Top Sync. Clamp Level
1.8
V
V11
DC Output Level
No signal
1.7
2
2.3
V
VS11
Top Sync. Clamp Level
1.5
V
Crosstalk
55
dB
GEX
Gain from Ext. Input to Output
5.5
6
6.5
dB
Output Swing
4
5
V
I12
Input Current
V12 =VDC12 = 1.5V
1
5
µA
VBW
Bandwidth
VIN =1VPP
15
MHz
GIN
Gain from Int. Input to Output
-0.5
0
+0.5
dB
MUTE (Pin 13)
VTH13
Threshold Voltage Pin 13
0.2
0.3
0.4
V
CONTROL INPUT
Negative Modulation
Video : External - Audio : External
7.2
V
Threshold 3
Level linked to VCC
6.4
6.8
7.2
V
Positive Modulation
Video : External - Audio : External
4.9
6.4
V
Threshold 2
Level linked to VCC
4.1
4.5
4.9
V
Positive Modulation
Video : Internal - Audio : External
2.6
4.1
V
Threshold 1
Level linked to VCC
1.8
2.2
2.6
V
Negative Modulation
Video : Internal - Audio : Internal
1.8
V
STV8224B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com