Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 668Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 669Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 670Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 671Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 672Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 673Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 674Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 675Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 648 of 1200
REJ09B0344-0200
13.5.3
Conflict between Byte-Write and Count-Up Processes of CMCNT
Even when the count-up occurs in the T2 cycle while writing to CMCNT in bytes, the writing has
priority over the count-up. In this case, the count-up is not performed. The byte data on the other
side, which is not written to, is also not counted and the previous contents are retained.
Figure 13.7 shows the timing when the count-up occurs in the T2 cycle while writing to
CMCNTH in bytes.
CMCNTH
T1
T2
CMCNTH
M
N
CMCNTL
X
X
Peripheral clock
(P
φ)
Address signal
Internal write signal
CMCNT count-up
enable signal
CMCSR write cycle
Figure 13.7 Conflict between Byte-Write and Count-Up Processes of CMCNT
13.5.4
Compare Match Between CMCNT and CMCOR
Do not set a same value to CMCNT and CMCOR while the count operation of CMCNT is
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com