Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 676 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 676 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 672Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 673Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 674Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 675Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 676Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 677Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 678Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 679Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 680Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 1228 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 May. 08, 2008 Page 652 of 1200
REJ09B0344-0200
14.3
Register Descriptions
The WDT has the following registers.
Table 14.2
Register Configuration
Register Name
Abbreviation R/W
Initial
Value
Address
Access
Size
Watchdog timer counter
WTCNT
R/W
H'00
H'FFFE0002
16*
Watchdog timer control/status
register
WTCSR
R/W
H'18
H'FFFE0000
16*
Watchdog reset control/status
register
WRCSR
R/W
H'1F
H'FFFE0004
16*
Note:
*
For the access size, see section 14.3.4, Notes on Register Access.
14.3.1
Watchdog Timer Counter (WTCNT)
WTCNT is an 8-bit readable/writable register that is incremented by cycles of the selected clock
signal. When an overflow occurs, it generates a watchdog timer overflow signal (
WDTOVF) in
watchdog timer mode and an interrupt in interval timer mode. WTCNT is initialized to H'00 by a
power-on reset caused by the
RES pin or in software standby mode.
Use word access to write to WTCNT, writing H'5A in the upper byte. Use byte access to read
from WTCNT.
Note:
The method for writing to WTCNT differs from that for other registers to prevent
erroneous writes. See section 14.3.4, Notes on Register Access, for details.
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com