Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 674Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 675Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 676Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 677Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 678Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 679Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 680Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 681Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1228 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 May. 08, 2008 Page 654 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
TME
0
R/W
Timer Enable
Starts and stops timer operation. Clear this bit to 0
when using the WDT in software standby mode or
when changing the clock frequency.
0: Timer disabled
Count-up stops and WTCNT value is retained
1: Timer enabled
4, 3
⎯
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
Clock Select
These bits select the clock to be used for the WTCNT
count from the eight types obtainable by dividing the
peripheral clock (P
φ). The overflow period that is
shown in the table is the value when the peripheral
clock (P
φ) is 40 MHz.
Bits 2 to 0
Clock Ratio
Overflow Cycle
000:
1
× Pφ
6.4
μs
001:
1/64
× Pφ
409.6
μs
010:
1/128
× Pφ
819.2 ms
011:
1/256
× Pφ
1.64 ms
100:
1/512
× Pφ
3.3 ms
101:
1/1024
× Pφ
6.6 ms
110:
1/4096
× Pφ
26.2 ms
2 to 0
CKS[2:0]
000
R/W
111:
1/16384
× Pφ
104.9 ms
Note: If bits CKS[2:0] are modified when the WDT is
running, the up-count may not be performed
correctly. Ensure that these bits are modified
only when the WDT is not running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com