Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 675Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 676Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 677Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 678Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 679Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 680Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 681Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 682Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 1228 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 May. 08, 2008 Page 655 of 1200
REJ09B0344-0200
14.3.3
Watchdog Reset Control/Status Register (WRCSR)
WRCSR is an 8-bit readable/writable register that controls output of the internal reset signal
generated by watchdog timer counter (WTCNT) overflow.
WRCSR is initialized to H'1F by input of a reset signal from the
RES pin, but is not initialized by
the internal reset signal generated by overflow of the WDT. WRCSR is initialized to H'1F in
software standby mode.
Note:
The method for writing to WRCSR differs from that for other registers to prevent
erroneous writes. See section 14.3.4, Notes on Register Access, for details.
7654321
0
00011111
R/(W)
R/W
R/W
R
R
R
R
R
Bit:
Initial value:
R/W:
WOVF
RSTE
RSTS
-
-
-
-
-
Bit
Bit Name
Initial
Value
R/W
Description
7
WOVF
0
R/(W)
Watchdog Timer Overflow
Indicates that the WTCNT has overflowed in
watchdog timer mode. This bit is not set in interval
timer mode.
0: No overflow
1: WTCNT has overflowed in watchdog timer mode
[Clearing condition]
• When 0 is written to WOVF after reading WOVF
6
RSTE
0
R/W
Reset Enable
Selects whether to generate a signal to reset the LSI
internally if WTCNT overflows in watchdog timer
mode. In interval timer mode, this setting is ignored.
0: Not reset when WTCNT overflows*
1: Reset when WTCNT overflows
Note: *
LSI not reset internally, but WTCNT and
WTCSR reset within WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com