| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 682 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 682 Page - Renesas Technology Corp |
|
682 / 1228 page ![]() Section 14 Watchdog Timer (WDT) Rev. 2.00 May. 08, 2008 Page 658 of 1200 REJ09B0344-0200 14.4 WDT Usage 14.4.1 Canceling Software Standby Mode The WDT can be used to cancel software standby mode with an interrupt such as an NMI interrupt. The procedure is described below. (The WDT does not operate when resets are used for canceling, so keep the RES or MRES pin low until clock oscillation settles.) 1. Before making a transition to software standby mode, always clear the TME bit in WTCSR to 0. When the TME bit is 1, an erroneous reset or interval timer interrupt may be generated when the count overflows. 2. Set the type of count clock used in the CKS[2:0] bits in WTCSR and the initial value of the counter in WTCNT. These values should ensure that the time till count overflow is longer than the clock oscillation settling time. 3. After setting the STBY bit of the standby control register (STBCR: see section 23, Power- Down Modes) to 1, the execution of a SLEEP instruction puts the system in software standby mode and clock operation then stops. 4. The WDT starts counting by detecting the edge change of the NMI signal. 5. When the WDT count overflows, the CPG starts supplying the clock and this LSI resumes operation. The WOVF flag in WRCSR is not set when this happens. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |