Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 680 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 680 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 676Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 677Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 678Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 679Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 680Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 681Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 682Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 683Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 1228 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 May. 08, 2008 Page 656 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
RSTS
0
R/W
Reset Select
Selects the type of reset when the WTCNT overflows
in watchdog timer mode. In interval timer mode, this
setting is ignored.
0: Power-on reset
1: Manual reset
4 to 0
⎯
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
14.3.4
Notes on Register Access
The watchdog timer counter (WTCNT), watchdog timer control/status register (WTCSR), and
watchdog reset control/status register (WRCSR) are more difficult to write to than other registers.
The procedures for reading or writing to these registers are given below.
(1)
Writing to WTCNT and WTCSR
These registers must be written by a word transfer instruction. They cannot be written by a byte or
longword transfer instruction.
When writing to WTCNT, set the upper byte to H'5A and transfer the lower byte as the write data,
as shown in figure 14.2. When writing to WTCSR, set the upper byte to H'A5 and transfer the
lower byte as the write data. This transfer procedure writes the lower byte data to WTCNT or
WTCSR.
H'5A
15
8
7
0
H'A5
15
8
7
0
Write data
Address: H'FFFE0002
WTCNT write
Write data
Address: H'FFFE0000
WTCSR write
Figure 14.2 Writing to WTCNT and WTCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com