Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 681 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 681 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 677Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 678Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 679Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 680Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 681Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 682Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 683Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 684Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 685Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 1228 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 2.00 May. 08, 2008 Page 657 of 1200
REJ09B0344-0200
(2)
Writing to WRCSR
WRCSR must be written by a word access to address H'FFFE0004. It cannot be written by byte
transfer or longword transfer instructions.
Procedures for writing 0 to WOVF (bit 7) and for writing to RSTE (bit 6) and RSTS (bit 5) are
different, as shown in figure 14.3.
To write 0 to the WOVF bit, the write data must be H'A5 in the upper byte and H'00 in the lower
byte. This clears the WOVF bit to 0. The RSTE and RSTS bits are not affected. To write to the
RSTE and RSTS bits, the upper byte must be H'5A and the lower byte must be the write data. The
values of bits 6 and 5 of the lower byte are transferred to the RSTE and RSTS bits, respectively.
The WOVF bit is not affected.
Address: H'FFFE0004
Address: H'FFFE0004
H'A5
H'00
15
8
7
0
H'5A
15
8
7
0
Writing 0 to the WOVF bit
Writing to the RSTE and RSTS bits
Write data
Figure 14.3 Writing to WRCSR
(3)
Reading from WTCNT, WTCSR, and WRCSR
WTCNT, WTCSR, and WRCSR are read in a method similar to other registers. WTCSR is
allocated to address H'FFFE0000, WTCNT to address H'FFFE0002, and WRCSR to address
H'FFFE0004. Byte transfer instructions must be used for reading from these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com