Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 668 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 668 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 664Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 665Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 666Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 667Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 668Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 669Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 670Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 671Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 644 of 1200
REJ09B0344-0200
13.4
Interrupts
13.4.1
Interrupt Sources and DMA Transfer Requests
The CMT has channels and each of them to which a different vector address is allocated has a
compare match interrupt. When both the interrupt request flag (CMF) and the interrupt enable bit
(CMIE) are set to 1, the corresponding interrupt request is output. When the interrupt is used to
activate a CPU interrupt, the priority of channels can be changed by the interrupt controller
settings. For details, see section 6, Interrupt Controller (INTC).
Clear the CMF bit to 0 by the user exception handling routine. If this operation is not carried out,
another interrupt will be generated. The direct memory access controller (DMAC) can be set to be
activated when a compare match interrupt is requested. In this case, an interrupt is not issued to
the CPU. If the setting to activate the DMAC has not been made, an interrupt request is sent to the
CPU. The CMF bit is automatically cleared to 0 when data is transferred by the DMAC.
13.4.2
Timing of Compare Match Flag Setting
When CMCOR and CMCNT match, a compare match signal is generated at the last state in which
the values match (the timing when the CMCNT value is updated to H'0000) and the CMF bit in
CMCSR is set to 1. That is, after a match between CMCOR and CMCNT, the compare match
signal is not generated until the next CMCNT counter clock input. Figure 13.4 shows the timing of
CMF bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com