Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 660Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 661Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 662Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 663Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 664Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 665Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 666Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 667Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 640 of 1200
REJ09B0344-0200
13.2.2
Compare Match Timer Control/Status Register (CMCSR)
CMCSR is a 16-bit register that indicates compare match generation, enables or disables
interrupts, and selects the counter input clock.
CMCSR is initialized to H'0000 by a power-on reset or in software standby mode, but retains its
previous value in module standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R/(W)* R/W
R
R
R
R
R/W
R/W
Bit:
Initial value:
R/W:
Note:
Only 0 can be written to clear the flag after 1 is read.
*
-
-
-
-
-
-
-
-
CMF
CMIE
-
-
-
-
CKS[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
CMF
0
R/(W)* Compare Match Flag
Indicates whether or not the values of CMCNT and
CMCOR match.
0: CMCNT and CMCOR values do not match
[Clearing condition]
• When 0 is written to CMF after reading CMF = 1
1: CMCNT and CMCOR values match
6
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables compare match interrupt (CMI)
generation when CMCNT and CMCOR values match
(CMF = 1).
0: Compare match interrupt (CMI) disabled
1: Compare match interrupt (CMI) enabled
5 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com