Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 661 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 661 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 657Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 658Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 659Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 660Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 661Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 662Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 663Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 664Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 637 of 1200
REJ09B0344-0200
Section 13 Compare Match Timer (CMT)
This LSI has an on-chip compare match timer (CMT) consisting of a two-channel 16-bit timer.
The CMT has a16-bit counter, and can generate interrupts at set intervals.
13.1
Features
• Independent selection of four counter input clocks at two channels
Any of four internal clocks (P
φ/8, Pφ/32, Pφ/128, and Pφ/512) can be selected.
• Selection of DMA transfer request or interrupt request generation on compare match by
DMAC setting
• When not in use, the CMT can be stopped by halting its clock supply to reduce power
consumption.
Figure 13.1 shows a block diagram of CMT.
CMT
CMI0
P
φ/8
P
φ/32 Pφ/128 Pφ/512
CMI1
P
φ/8
P
φ/32 Pφ/128 Pφ/512
Control circuit
Clock selection
Channel 0
Channel 1
Clock selection
Control circuit
CMSTR:
CMCSR:
CMCOR:
CMCNT:
CMI:
Compare match timer start register
Compare match timer control/status register
Compare match constant register
Compare match counter
Compare match interrupt
[Legend]
Module bus
Bus
interface
Internal bus
Figure 13.1 Block Diagram of CMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com