Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 663 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 663 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 659Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 660Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 661Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 662Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 663Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 664Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 665Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 666Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 639 of 1200
REJ09B0344-0200
13.2.1
Compare Match Timer Start Register (CMSTR)
CMSTR is a 16-bit register that selects whether compare match counter (CMCNT) operates or is
stopped.
CMSTR is initialized to H'0000 by a power-on reset or in software standby mode, but retains its
previous value in module standby mode.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRR
R/W
R/W
----
---
-
------
STR1
STR0
Bit
Bit Name
Initial
Value
R/W
Description
15 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
STR1
0
R/W
Count Start 1
Specifies whether compare match counter_1 operates
or is stopped.
0: CMCNT_1 count is stopped
1: CMCNT_1 count is started
0
STR0
0
R/W
Count Start 0
Specifies whether compare match counter_0 operates
or is stopped.
0: CMCNT_0 count is stopped
1: CMCNT_0 count is started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com