Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 659 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 659 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 655Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 656Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 657Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 658Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 659Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 660Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 661Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 662Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 635 of 1200
REJ09B0344-0200
12.6
Usage Note
12.6.1
Pin Status When the WDT Issues a Power-On Reset
When a power-on reset is issued by the WDT, the pin function controller (PFC) is initialized and
the I/O ports function as general inputs (initial value).
If a power-on reset is issued by the WDT during high-impedance processing by the port output
enable (POE) signal, the I/O port pins are placed in output state for a time period of one cycle of
the peripheral clock, P
φ, until the pin functions switch to general inputs.
If a power-on reset is issued by the WDT during high-impedance processing by MTU2 or MTU2S
short detection, the I/O port pins are placed in the same status as described above.
Figure 12.5 shows the I/O port pin status when a power-on reset is issued by the WDT during
high-impedance processing by the POE input while the timer output is selected.
Timer output
Pin status
General input
Timer output
General input
High-impedance state
Timer
output
One cycle of the
peripheral clock P
φ
POE input
P
φ
PFC setting value
Power-on reset by WDT
Figure 12.5 Pin Status When Power-on Reset is Issued from Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com