Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 655 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 655 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 651Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 652Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 653Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 654Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 655Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 656Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 657Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 658Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 659Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 631 of 1200
REJ09B0344-0200
12.4.1
Input Level Detection Operation
If the input conditions set by ICSR1 to ICSR3 occur on the
POE0, POE1, POE3, POE4, POE7,
and
POE8 pins, the high-current pins and the pins for channel 0 of the MTU2 are placed in high-
impedance state. Note however, that these high-current and MTU2 pins enter high-impedance
state only when general input/output function, MTU2 function, or MTU2S function is selected for
these pins.
(1)
Falling Edge Detection
When a change from a high to low level is input to the
POE0, POE1, POE3, POE4, POE7, and
POE8 pins, the high-current pins and the pins for channel 0 of the MTU2 are placed in high-
impedance state.
Figure 12.2 shows the sample timing after the level changes in input to the
POE0, POE1, POE3,
POE4, POE7, and POE8 pins until the respective pins enter high-impedance state.
P
φ
PB18/
TIOC3B
POE input
P
φ rising edge
Falling edge detection
High-impedance state
Note: The other high-current pins and MTU2 channel 0 pins also enter the high-impedance state in the similar timing.
Figure 12.2 Falling Edge Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com