Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 652 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 652 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 648Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 649Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 650Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 651Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 652Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 653Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 654Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 655Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 628 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
13
MTU2P2CZE
1
R/W*
MTU2 Port 2 Output Comparison/High-Impedance
Enable
Specifies whether to compare output levels for the
MTU2 high-current PB4/TIOC4A and PB6/TIOC4C
pins and to place them in high-impedance state when
the OSF1 bit is set to 1 while the OCE1 bit is 1 or
when any one of the POE0F, POE1F, POE3F, and
MTU2CH34HIZ bits is set to 1.
0: Does not compare output levels or place the pins in
high-impedance state
1: Compares output levels and places the pins in
high-impedance state
12
MTU2P3CZE
1
R/W*
MTU2 Port 3 Output Comparison/High-Impedance
Enable
Specifies whether to compare output levels for the
MTU2 high-current PB5/TIOC4B and PB7/TIOC4D
pins and to place them in high-impedance state when
the OSF1 bit is set to 1 while the OCE1 bit is 1 or
when any one of the POE0F, POE1F, POE3F, and
MTU2CH34HIZ bits is set to 1.
0: Does not compare output levels or place the pins in
high-impedance state
1: Compares output levels and places the pins in
high-impedance state
11
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
10
MTU2SP1CZE 1
R/W*
MTU2S Port 1 Output Comparison/High-Impedance
Enable
Specifies whether to compare output levels for the
MTU2S high-current PB21/TIOC3BS and
PB20/TIOC3DS pins and to place them in high-
impedance state when the OSF2 bit is set to 1 while
the OCE2 bit is 1 or when any one of the POE4F,
POE7F, and MTU2SHIZ bits is set to 1.
0: Does not compare output levels or place the pins in
high-impedance state.
1: Compares output levels and places the pins in
high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com