Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 650 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 650 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 646Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 647Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 648Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 649Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 650Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 651Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 652Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 653Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 654Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 626 of 1200
REJ09B0344-0200
12.3.7
Port Output Enable Control Register 1 (POECR1)
POECR1 is an 8-bit readable/writable register that controls high-impedance state of the pins.
7654321
0
00000000
RRRR
R/W* R/W* R/W* R/W*
Bit:
Initial value:
R/W:
Note:
Can be modified only once after a power-on reset.
*
----
MTU2
PA24ZE
MTU2
PA25ZE
MTU2
PA23ZE
MTU2
PA22ZE
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
MTU2PA25ZE 0
R/W*
MTU2PA25 High-Impedance Enable
Specifies whether to place the PA25/TIOC0D pin for
channel 0 in the MTU2 in high-impedance state when
either POE8F or MTU2CH0HIZ bit is set to 1.
0: Does not place the pin in high-impedance state
1: Places the pin in high-impedance state
2
MTU2PA24ZE 0
R/W*
MTU2PA24 High-Impedance Enable
Specifies whether to place the PA24/TIOC0C pin for
channel 0 in the MTU2 in high-impedance state when
either POE8F or MTU2CH0HIZ bit is set to 1.
0: Does not place the pin in high-impedance state
1: Places the pin in high-impedance state
1
MTU2PA23ZE 0
R/W*
MTU2PA23 High-Impedance Enable
Specifies whether to place the PA23/TIOC0B pin for
channel 0 in the MTU2 in high-impedance state when
either POE8F or MTU2CH0HIZ bit is set to 1.
0: Does not place the pin in high-impedance state
1: Places the pin in high-impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com