Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 646 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 646 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 642Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 643Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 644Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 645Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 646Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 647Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 648Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 649Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 622 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
8
OIE2
0
R/W
Output Short Interrupt Enable 2
Enables or disables interrupt requests when the OSF2 bit
in OCSR2 is set to 1.
0: Interrupt requests disabled
1: Interrupt requests enabled
7 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Notes: 1. Only 0 can be written to clear the flag after 1 is read.
2. Can be modified only once after a power-on reset.
12.3.5
Input Level Control/Status Register 3 (ICSR3)
ICSR3 is a 16-bit readable/writable register that selects the
POE8 pin input mode, controls the
enable/disable of interrupts, and indicates status.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000
0
0
0
RRR
R/(W)*1
R
R
R/W*2 R/W
RRRRR
R
R/W*2 R/W*2
Notes:
Only 0 can be written to clear the flag after 1 is read.
Can be modified only once after a power-on reset.
1.
2.
Bit:
Initial value:
R/W:
POE8F
-
-
POE8E
-
-
-
-
-
-
-
-
PIE3
-
POE8M[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com