Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 642 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 642 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 638Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 639Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 640Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 641Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 642Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 643Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 644Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 645Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 618 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Notes: 1. Only 0 can be written to clear the flag after 1 is read.
2. Can be modified only once after a power-on reset.
12.3.3
Input Level Control/Status Register 2 (ICSR2)
ICSR2 is a 16-bit readable/writable register that selects the
POE4 and POE7 pin input modes,
controls the enable/disable of interrupts, and indicates status.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/(W)*1
RR
R/(W)*1
R
R
R
R/W
R/W*2 R/W*2
R
R
R
R
R/W*2 R/W*2
Notes:
Only 0 can be written to clear the flag after 1 is read.
Can be modified only once after a power-on reset.
1.
2.
Bit:
Initial value:
R/W:
POE7F
-
-
POE4F
-
-
-
-
-
-
-
PIE2
POE7M[1:0]
POE4M[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15
POE7F
0
R/(W)*
1
POE7 Flag
Indicates that a high impedance request has been input
to the
POE7 pin.
[Clearing conditions]
• By writing 0 to POE7F after reading POE7F = 1
(when the falling edge is selected by bits 7 and 6 in
ICSR2)
• By writing 0 to POE7F after reading POE7F = 1 after
a high level input to
POE7 is sampled at Pφ/8, Pφ/16,
or P
φ/128 clock (when low-level sampling is selected
by bits 7 and 6 in ICSR2)
[Setting condition]
• When the input condition set by bits 7 and 6 in ICSR2
occurs at the
POE7 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com