Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 643 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 643 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 639Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 640Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 641Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 642Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 643Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 644Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 645Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 646Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 619 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
14, 13
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12
POE4F
0
R/(W)*
1
POE4 Flag
Indicates that a high impedance request has been input
to the
POE4 pin.
[Clearing conditions]
• By writing 0 to POE4F after reading POE4F = 1
(when the falling edge is selected by bits 1 and 0 in
ICSR2)
• By writing 0 to POE4F after reading POE4F = 1 after
a high level input to
POE4 is sampled at Pφ/8, Pφ/16,
or P
φ/128 clock (when low-level sampling is selected
by bits 1 and 0 in ICSR2)
[Setting condition]
• When the input condition set by bits 1 and 0 in ICSR2
occurs at the
POE4 pin
11 to 9 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
PIE2
0
R/W
Port Interrupt Enable 2
Enables or disables interrupt requests when any one of
the POE4F and POE7F bits of the ICSR2 is set to 1.
0: Interrupt requests disabled
1: Interrupt requests enabled
7, 6
POE7M[1:0] 00
R/W*
2
POE7 Mode
These bits select the input mode of the
POE7 pin.
00: Accept request on falling edge of
POE7 input
01: Accept request when
POE7 input has been sampled
for 16 P
φ/8 clock pulses and all are at a low level.
10: Accept request when
POE7 input has been sampled
for 16 P
φ/16 clock pulses and all are at a low level.
11: Accept request when
POE7 input has been sampled
for 16 P
φ/128 clock pulses and all are at a low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com